PART |
Description |
Maker |
SFPJ-73 FMJ-2303 RK33 MI1A3 SPJ-G53S AK03 EA03 EK0 |
Schottky Barrier Diodes 肖特基势垒二极管 HEAT SINK, TO-202, 10 C/W; Case style:TO-202; Thermal resistance:10(degree C)/W; Width, external:34.5mm; Depth, external:38mm; Length / Height, external:12.5mm; Material:Aluminium; Surface finish:Black Anodised; Centres, RoHS Compliant: Yes
|
Unknow Electronic Theatre Controls, Inc. ETC SANKEN[Sanken electric] http://
|
SDS7000E |
Junction Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Fiberglass; External Height:6"; External Width:6"; External Depth:4"; Enclosure Color:Light Gray; Approval Bodies:UL, CSA RoHS Compliant: Yes Switching Diode
|
AUK[AUK corp]
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
MA8121K |
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V Voltage Regulator
|
List of Unclassifed Man...
|
X24026Y-2.7 X24026Y X24026X X24026X-2.7 X24026 X24 |
PSU, DIN RAIL, 12V, 200MA; Power rating:2.4W; Current, output:200mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Serial E2PROM
|
XICOR[Xicor Inc.] http://
|
YGV606 |
STARTER KIT, CYCLONE III, FPGA; Depth, external:50mm; Height:160mm; Weight:0.4kg; Width, external:130mm RoHS Compliant: Yes VGA视频控制
|
Jameco Electronics
|
6367035-1 |
CAGE, TOP SFP
|
Tyco Electronics
|
IPC-6006 IPC-6006-BAREE IPC-6006PE IPC-6006S-BAREE |
6-Slot Card Cage
|
Advantech Co., Ltd. http://
|
1421CNB100 |
ECROU A CAGE A TROU CARRE M6, EN NICKEL
|
Hammond Manufacturing L...
|
74748-0001 74748-0002 74726-0001 74728-0001 74726- |
SFP Cage Lightpipe Cover Assembly
|
Molex Electronics Ltd.
|